Part Number Hot Search : 
SMBJ2 STA524A 138M5 SH13003 BZT52C30 21NM60 RGE600 0603X
Product Description
Full Text Search
 

To Download MKP1848665454Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
FEATURES
W I
Lead (Pb)-free product RoHS compliant product
RATED CAPACITANCE
h
1 F to 400 F
CAPACITANCE TOLERANCE
5%
6-1 O dt P1 0.4 - PCM 27.5 mm P1 0.5 - PCM 37.5 mm
I
DC VOLTAGE RATING
85 C 70 C 105 C 450 V 500 V 300 V 700 V 800 V 500 V 900 V 1100 V 650 V 1100 V 1350 V 800 V 1200 V 1500 V 850 V
W
INSULATION RESISTANCE
RC between leads, after 1 min > 10 000 s For UNdc 500 V measuring voltage 100 V For UNdc > 500 V measuring voltage 500 V
Marking h
SELF INDUCTANCE (Ls)
O dt P1 0.5 P2 0.5 6-2
< 1 nH per mm of lead spacing
TEST VOLTAGE BETWEEN TERMINALS
1.5 UNdc for 10 s
Dimensions in millimeters O dt 10 % of standard diameter specified
CLIMATIC TESTING CLASS
40/85/56
APPLICATIONS
High performance DC filtering applications REFERENCE STANDARDS IEC 61071 IEC 60068 MARKING C-value; tolerance; rated voltage; code for dielectric material; code for manufacturing origin; manufacturer's type designation; manufacturer's logo; year and week of manufacture
MAXIMUM APPLICATION TEMPERATURE
85 C
MAXIMUM OPERATING TEMPERATURE (CASE)
105 C
LIFETIME EXPECTANCY
Operation life time > 100 000 h FIT: < 10 x 10-9/h (10 per 109 component h) at 0.5 x UNdc; 40 C
DETAIL SPECIFICATION DIELECTRIC
Polypropylene film For more detailed data and test requirements, contact: dc-film@vishay.com
ELECTRODES
Metallized dielectric capacitor
CONSTRUCTION
Mono construction
ENCAPSULATION
Plastic case, sealed with resin Flame retardant
TERMINALS
Tinned wires
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 281
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
COMPOSITION OF CATALOG NUMBER
MULTIPLIER (nF) 10 100 1000 10 000 4 5 6 7 512 612 712
CAPACITANCE (numerically) Example: 1200 nF 12 000 nF 120 000 nF 1.2 F 12 F 120 F P1 (mm) 27.5 37.5 52.5 PITCH CODE K P Y
MKP 1848
6
12
09
4
P
4
SPECIAL CODE FOR TERMINAL 2 2 pins 4 pins P2 = 10.2 mm 4 pins P2 = 20.3 mm Customized
TYPE CONSTRUCTION TOLERANCE METALLIZED POLYPROPYLENE VOLTAGE Un = 45 = 450 V Un = 70 = 700 V Un = 09 = 900 V Un = 91 = 1100 V Un = 92 = 1200 V Note (1) Tabs terminals or customized terminals are available on request 4 5%
4 5
(1)
SPECIFIC REFERENCE DATA 450 Vdc
UNdc = 450 V, UNdc70 C = 500 V, UNdc105 C = 300 V CAP.
(5)
DIMENSIONS (mm) (4) W 9.0 9.0 11.0 11.0 13.0 15.0 15.0 18.0 18.0 18.0 21.0 18.5 18.5 18.5 21.5 21.5 21.5 24.0 H 19.0 19.0 21.0 21.0 23.0 25.0 25.0 28.0 28.0 28.0 31.0 35.5 35.5 35.5 38.5 38.5 38.5 44.0 L 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 43.0 43.0 43.0 43.0 43.0 43.0 42.0
(F) 1 2 3 4 5 6 7 8 9 10 12 10 12 15 20 22 25 30
tan tan 10 kHz MASS SPQ 1 kHz -4) < (10-4) < (10 PART NUMBER (1) 2 4 2 4 2 4 2 4 (mm) (mm) (mm) (V/s) (A) pins pins pins pins pins pins pins pins (g) (pcs) P1 P2 O dt dV/dt IPEAK IRMS (A) (2) ESR (m) (3) 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 75 75 75 75 75 75 75 75 75 75 75 40 40 40 40 40 40 40 75 150 225 300 375 450 525 600 675 750 900 400 480 600 800 880 1000 1200 1.5 2.5 3.0 3.5 4.0 4.5 5.0 6.0 6.5 7.0 8.0 6.0 7.0 7.5 9.0 9.5 10.0 11.0 6.5 7.5 8.0 10 10.0 10.5 12.0 115 57.5 38.5 30.0 23.0 19.0 16.5 14.0 13.0 11.5 10.0 23.0 19.0 15.0 11.5 10.5 9.5 7.5 20.5 17.0 13.0 13.5 9.5 8.5 8.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 22.0 22.0 22.0 22.0 22.0 22.0 22.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 100 100 100 100 100 100 100 100 100 100 100 200 200 200 200 200 200 200 185 185 185 185 185 185 185 6.8 6.0 9.2 8.4 10.7 12.5 11.7 17.2 16.3 15.4 22.2 37.5 36.1 33.9 41.6 40.1 37.8 50 160 160 130 130 115 100 100 80 80 80 65 105 105 105 91 91 91 77 MKP1848510454K2 MKP1848520454K2 MKP1848530454K2 MKP1848540454K2 MKP1848550454K2 MKP1848560454K2 MKP1848570454K2 MKP1848580454K2 MKP1848590454K2 MKP1848610454K2 MKP1848612454K2 MKP1848610454P* MKP1848612454P* MKP1848615454P* MKP1848620454P* MKP1848622454P* MKP1848625454P* MKP1848630454P*
www.vishay.com 282
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
CAP.
(5)
Vishay Roederstein
DIMENSIONS (mm) (4) W H L
P1
P2
O dt dV/dt IPEAK
IRMS (A) (2)
ESR (m) (3)
tan 1 kHz < (10-4)
tan 10 kHz < (10-4)
MASS SPQ PART NUMBER (1) (g) 67 63 77 73 104 100 95 119 117 113 106 192 192 192 451 946 (pcs) 63 63 55 55 45 45 45 40 40 40 40 30 30 30 20 10 MKP1848635454P* MKP1848640454P* MKP1848640454Y* MKP1848645454Y* MKP1848650454Y* MKP1848655454Y* MKP1848660454Y* MKP1848665454Y* MKP1848670454Y* MKP1848675454Y* MKP1848680454Y* MKP1848690454Y5 MKP1848695454Y5 MKP1848710454Y5 MKP1848720454Y5 MKP1848740454Y5
(F) 35
2 4 2 4 2 4 2 4 (mm) (mm) (mm) (V/s) (A) pins pins pins pins pins pins pins pins 15.0 6.5 15.5 6.0 12.0 13.0 14.0 15.0 15.5 17.0 18.0 18.5 19.0 15.5 15.5 16.0 38.0 68.0 5.9 5.0 22.0 20.0 200 185 22.0 20.0 200 185
30.0 45.0 42.0 37.5 10.2 / 1.0 40 1400 14.0 20.3 40 30.0 45.0 42.0 37.5 10.2 / 1.0 40 1600 14.5 20.3 40 25.0 45.0 57.5 52.5 20.3 1.2 20 800 11.0 45 25.0 45.0 57.5 52.5 20.3 1.2 20 900 12.0 50 30.0 45.0 57.5 52.5 20.3 1.2 20 1000 13.0 55 30.0 45.0 57.5 52.5 20.3 1.2 20 1100 14.0 60 30.0 45.0 57.5 52.5 20.3 1.2 20 1200 14.5 65 35.0 50.0 57.5 52.5 20.3 1.2 20 1300 16.0 70 35.0 50.0 57.5 52.5 20.3 1.2 20 1400 17.0 75 35.0 50.0 57.5 52.5 20.3 1.2 20 1500 17.5 80 35.0 50.0 57.5 52.5 20.3 1.2 20 1600 18.0 90 45.0 45.0 57.5 52.5 20.3 1.2 20 1800 95 45.0 45.0 57.5 52.5 20.3 1.2 20 1900 100 45.0 45.0 57.5 52.5 20.3 1.2 20 2000 200 70.0 60.0 57.5 52.5 20.3 1.2 20 2000 400 130.0 60.0 57.5 52.5 20.3 1.2 10 4000 Notes (1) Change the * symbol with special code for the terminals (2) Maximum rms current at 10 kHz, + 85 C, Cap. tol. 5 % (3) Equivalent series resistance typical values at 10 kHz (4) Standard dimension (5) Intermediate capacitance values available on request. * SPQ = Standard Packing Quantity
11.5 10.0 40.0 36.0 400 370 10.0 9.0 40.0 36.0 400 370 9.0 8.5 40.0 36.0 400 370 8.5 7.5 40.0 36.0 400 370 7.5 6.5 40.0 36.0 400 370 7.0 6.0 40.0 36.0 400 370 6.5 6.0 40.0 36.0 400 370 6.0 5.5 40.0 36.0 400 370 5.5 5.0 40.0 36.0 400 370 4.5 - 36.0 370 4.0 - 36.0 370 4.0 - 36.0 370 2.0 - 36.0 370 1.0 - 36.0 370
SPECIFIC REFERENCE DATA 700 Vdc
UNdc = 700 V, UNdc70 C = 800 V, UNdc105 C = 500 V CAP. DIMENSIONS (5) (mm) (4) (F) 1 2 3 4 5 6 7 8 9 10 10 12 15 20 22 25 30 35 30 35 40 W 9.0 9.0 11.0 13.0 15.0 18.0 18.0 18.0 21.0 21.0 18.5 18.5 18.5 21.5 24.0 24.0 H 19.0 19.0 21.0 23.0 25.0 28.0 28.0 28.0 31.0 31.0 35.5 35.5 35.5 38.5 44.0 44.0 L 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 32.0 43.0 43.0 43.0 43.0 42.0 42.0 P1 P2 O dt dV/dt IPEAK IRMS (A) (2) 2 pins 1.5 2.5 3.0 4.0 4.5 6.0 6.5 7.0 7.5 8.5 7.0 7.5 8.0 10.0 11.0 12.0 4 pins 7.5 8.0 9.0 11.0 12.0 13.0 ESR (m) (3) 2 pins 94.0 47.0 31.5 23.5 19.0 16.0 13.5 12.0 10.5 9.5 19.5 16.5 13.0 10.0 9.0 8.0 4 pins 17.5 15.0 11.5 9.0 8.0 7.0 tan 1 kHz < (10-4) 2 pins 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 19.0 19.0 19.0 19.0 19.0 19.0 4 pins 17.0 17.0 17.0 17.0 17.0 17.0 tan 10 kHz < (10-4) 2 pins 85 85 85 85 85 85 85 85 85 85 170 170 170 170 170 170 4 pins 160 160 160 160 160 160 MASS SPQ PART NUMBER (1) (g) 6.6 5.6 8.5 10.5 12.1 17.4 16.2 15.1 22.5 21.3 35.5 33.7 30.8 37.3 51 48 64 58 78 73 68 (pcs) 160 160 130 115 100 80 80 80 65 65 105 105 105 91 77 77 63 63 55 55 55 MKP1848510704K2 MKP1848520704K2 MKP1848530704K2 MKP1848540704K2 MKP1848550704K2 MKP1848560704K2 MKP1848570704K2 MKP1848580704K2 MKP1848590704K2 MKP1848610704K2 MKP1848610704P* MKP1848612704P* MKP1848615704P* MKP1848620704P* MKP1848622704P* MKP1848625704P* MKP1848630704P* MKP1848635704P* MKP1848630704Y* MKP1848635704Y* MKP1848640704Y*
(mm) (mm) (mm) (V/s) (A) 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 / 20.3 10.2 / 20.3 20.3 20.3 20.3 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.2 1.2 1.2 65 65 65 65 65 65 65 65 65 65 30 30 30 30 30 30 30 30 15 15 15 65 130 195 260 325 390 455 520 585 650 300 360 450 600 660 750
30.0 45.0 42.0 37.5 30.0 45.0 42.0 37.5 25.0 45.0 57.5 52.5 25.0 45.0 57.5 52.5 25.0 45.0 57.5 52.5
900 14.0 14.5 6.5 1050 15.0 15.5 5.5
6.0 19.0 17.0 170 160 5.0 19.0 17.0 170 160
450 10.5 11.5 13.0 11.5 35.0 33.0 350 320 525 11.5 12.0 11.0 10.0 35.0 33.0 350 320 600 12.0 12.5 10.0 9.0 35.0 33.0 350 320
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 283
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
O dt dV/dt IPEAK IRMS (A) (2) 2 pins 13.5 14.5 16.0 17.0 17.5 4 pins 14.5 15.5 17.0 18.0 18.5 20.0 21.0 21.5 38.0 65.0 ESR (m) (3) 2 pins 9.0 8.0 7.0 6.5 6.0 4 pins 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.5 2.2 1.0 tan 1 kHz < (10-4) 2 pins 35.0 35.0 35.0 35.0 35.0 4 pins 33.0 33.0 33.0 33.0 33.0 33.0 33.0 33.0 33.0 33.0 tan 10 kHz < (10-4) 2 pins 350 350 350 350 350 4 pins 320 320 320 320 320 320 320 320 320 320 MASS SPQ PART NUMBER (1) (g) 99 92 117 112 104 192 192 192 451 821 (pcs) 45 45 40 40 40 30 30 30 20 10 MKP1848645704Y* MKP1848650704Y* MKP1848655704Y* MKP1848660704Y* MKP1848665704Y* MKP1848670704Y5 MKP1848675704Y5 MKP1848680704Y5 MKP1848716704Y5 MKP1848732704Y5
CAP. DIMENSIONS (5) (mm) (4) (F) W H L
P1
P2
(mm) (mm) (mm) (V/s) (A)
45 30.0 45.0 57.5 52.5 20.3 1.2 15 675 50 30.0 45.0 57.5 52.5 20.3 1.2 15 750 55 35.0 50.0 57.5 52.5 20.3 1.2 15 825 60 35.0 50.0 57.5 52.5 20.3 1.2 15 900 65 35.0 50.0 57.5 52.5 20.3 1.2 15 975 70 45.0 45.0 57.5 52.5 20.3 1.2 15 1050 75 45.0 45.0 57.5 52.5 20.3 1.2 15 1125 80 45.0 45.0 57.5 52.5 20.3 1.2 15 1200 160 70.0 60.0 57.5 52.5 20.3 1.2 15 2400 320 130.0 60.0 57.5 52.5 20.3 1.2 15 4800 Notes (1) Change the * symbol with special code for the terminals (2) Maximum rms current at 10 kHz, + 85 C, Cap. tol. 5 % (3) Equivalent series resistance typical values at 10 kHz (4) Standard dimension (5) Intermediate capacitance values are available on request. * SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA 900 Vdc
UNdc = 900 V, UNdc70 C = 1100 V, UNdc105 C = 650 V CAP.
(5)
DIMENSIONS (mm) (4) W 9.0 13.0 15.0 18.0 21.0 21.0 18.5 18.5 18.5 18.5 18.5 21.5 21.5 24.0 24.0 H 19.0 23.0 25.0 28.0 31.0 31.0 35.5 35.5 35.5 35.5 35.5 38.5 38.5 44.0 44.0 L 32.0 32.0 32.0 32.0 32.0 32.0 43.0 43.0 43.0 43.0 43.0 43.0 43.0 42.0 42.0
P1
P2
O dt dV/dt IPEAK
IRMS (A) (2) 2 pins 2.0 2.5 3.5 4.0 5.0 5.5 4.0 4.5 5.0 5.0 5.5 6.0 6.5 8.0 8.0 4 pins 4.5 5.0 5.5 5.5 6.0 6.5 7.0 8.5 8.5
ESR (m) (3) 2 pins 88.0 44.0 29.5 22.0 18.0 15.0 36.5 30.0 26.0 22.5 20.0 18.5 15.0 12.5 11.5 4 pins 32.0 27.0 23.5 20.5 18.5 16.5 13.5 11.0 10.5
tan 1 kHz < (10-4) 2 pins 8.0 8.0 8.0 8.0 8.0 8.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 4 pins 13 13 13 13 13 13 13 13 13 13
tan 10 kHz < (10-4) 2 pins 65 65 65 65 65 65 140 140 140 140 140 140 140 140 140 4 pins 125 125 125 125 125 125 125 125 125
MASS SPQ PART NUMBER (1) (g) 5.9 11.3 12.1 16.7 23.3 21.4 37.1 35.6 34.1 32.5 30.9 40.7 37.5 48.9 47.2 60 83 75 72 102 92 114 103 192 191 452 (pcs) 160 115 100 80 65 65 105 105 105 105 105 91 91 77 77 63 55 55 55 45 45 40 40 30 30 20 MKP1848510094K2 MKP1848520094K2 MKP1848530094K2 MKP1848540094K2 MKP1848550094K2 MKP1848560094K2 MKP1848550094P* MKP1848560094P* MKP1848570094P* MKP1848580094P* MKP1848590094P* MKP1848610094P* MKP1848612094P* MKP1848615094P* MKP1848616094P* MKP1848620094P* MKP1848615094Y* MKP1848620094Y* MKP1848622094Y* MKP1848625094Y* MKP1848630094Y* MKP1848635094Y* MKP1848640094Y* MKP1848645094Y5 MKP1848650094Y5 MKP1848710094Y5
(F) 1.0 2.0 3.0 4.0 5.0 6.0 5.0 6.0 7.0 8.0 9.0 10.0 12.0 15.0 16.0
(mm) (mm) (mm) (V/s) (A) 27.5 27.5 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 / 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 80 80 80 80 80 80 40 40 40 40 40 40 40 40 40 40 80 160 240 320 400 480 200 240 280 320 360 400 480 600 640 800
20.0 30.0 45.0 42.0 37.5
9.5 10.0 9.5 7.5 8.0 8.5 9.5 10.5 11.5 13.0 14.0 14.5 25.0 24.5 18.5 16.5 14.5 12.5 10.5 9.5 -
8.5 15.0 22.0 16.5 15.0 13.5 11.0 9.5 8.5 7.5 6.5 3.5
140 125 275 275 275 275 275 275 275 250 250 250 250 250 250 250 250 250 250
15.0 25.0 45.0 57.5 52.5 1.2 20 300 6.5 20.0 25.0 45.0 57.5 52.5 1.2 20 400 7.0 22.0 25.0 45.0 57.5 52.5 1.2 20 440 7.5 25.0 30.0 45.0 57.5 52.5 1.2 20 500 8.5 30.0 30.0 45.0 57.5 52.5 1.2 20 600 9.5 35.0 35.0 50.0 57.5 52.5 1.2 20 700 10.5 40.0 35.0 50.0 57.5 52.5 1.2 20 800 12.0 45.0 45.0 45.0 57.5 52.5 1.2 20 900 50.0 45.0 45.0 57.5 52.5 1.2 20 1000 100.0 70.0 60.0 57.5 52.5 1.2 20 2000 Notes (1) Change the * symbol with special code for the terminals (2) Maximum rms current at 10 kHz, + 85 C, Cap. tol. 5 % (3) Equivalent series resistance typical values at 10 kHz (4) Standard dimension (5) Intermediate capacitance values are available on request. * SPQ = Standard Packing Quantity www.vishay.com 284
30.0 25 30.0 25 30.0 25 30.0 25 30.0 25 30.0 25 30.0 25 25 25 25
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
SPECIFIC REFERENCE DATA 1100 Vdc
UNdc = 1100 V, UNdc70 C = 1350 V, UNdc105 C = 800 V CAP. DIMENSIONS (5) (mm) (4) (F) 1 2 3 4 5 6 7 8 9 10 12 W 11.0 15.0 18.0 21.0 18.5 18.5 21.5 21.5 24.0 24.0 H 21.0 25.0 28.0 31.0 35.5 35.5 38.5 38.5 44.0 44.0 L 32.0 32.0 32.0 32.0 43.0 43.0 43.0 43.0 42.0 42.0 P1 P2 O dt dV/dt IPEAK IRMS (A) (2) ESR (m) (3) tan 1 kHz < (10-4) tan 10 kHz < (10-4) MASS SPQ PART NUMBER (1) (g) 9.1 12.3 16.0 21.8 33.7 31.4 40.5 38.2 52 49 66 84 80 73 94 119 112 192 452 (pcs) 130 100 80 65 105 105 91 91 77 77 63 55 55 55 45 40 40 30 20 MKP1848510914K2 MKP1848520914K2 MKP1848530914K2 MKP1848540914K2 MKP1848550914P* MKP1848560914P* MKP1848570914P* MKP1848580914P* MKP1848590914P* MKP1848610914P* MKP1848612914P* MKP1848610914Y* MKP1848612914Y* MKP1848615914Y* MKP1848620914Y* MKP1848622914Y* MKP1848625914Y* MKP1848630914Y5 MKP1848660914Y5
Vishay Roederstein
(mm) (mm) (mm) (V/s) (A) 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 / 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 95 95 95 95 45 45 45 45 45 45 45 95 190 285 380 225 270 315 360 405 450
2 4 2 4 2 4 2 4 pins pins pins pins pins pins pins pins 2.5 3.5 5.0 6.5 5.5 6.0 7.0 4.5 8.5 9.0 6.0 6.5 7.5 5.0 9.0 9.5 62.0 31.0 21.0 15.5 25.5 21.5 18.5 16.0 14.0 13.0 23.0 19.0 16.5 14.5 13.0 11.5 7.0 7.0 7.0 7.0 13.0 13.0 13.0 13.0 13.0 13.0 12.0 12.0 12.0 12.0 12.0 12.0 55 55 55 55 115 115 115 115 115 115 105 105 105 105 105 105
30.0 45.0 42.0 37.5
540 10.5 11.0 10.5 9.5 13.0 12.0 115 105 8.5 9.0 10.0 12.0 13.5 14.5 16.5 30.0 25.5 21.5 17.0 12.5 11.5 10.5 23.0 19.5 15.5 11.5 10.5 9.0 7.5 3.5 25.0 25.0 25.0 25.0 25.0 25.0 22.0 22.0 22.0 22.0 22.0 22.0 22.0 22.0 230 230 230 230 230 230 210 210 210 210 210 210 210 210
10 25.0 45.0 57.5 52.5 1.2 23 230 7.5 12 25.0 45.0 57.5 52.5 1.2 23 276 8.0 15 25.0 45.0 57.5 52.5 1.2 23 345 9.0 20 30.0 45.0 57.5 52.5 1.2 23 460 11.0 22 35.0 50.0 57.5 52.5 1.2 23 506 12.5 25 35.0 50.0 57.5 52.5 1.2 23 575 13.5 30 45.0 45.0 57.5 52.5 1.2 23 720 60 70.0 60.0 57.5 52.5 1.2 23 1500 Notes (1) Change the * symbol with special code for the terminals (2) Maximum rms current at 10 kHz, + 85 C, Cap. tol. 5 % (3) Equivalent series resistance typical values at 10 kHz (4) Standard dimension (5) Intermediate capacitance values are available on request. * SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA 1200 Vdc
UNdc = 1200 V, UNdc70 C = 1500 V, UNdc105 C = 850 V CAP. DIMENSIONS (5) (mm) (4) (F) 1 2 3 4 5 6 7 8 9 10 12 10 12 W H L P1 P2 O dt dV/dt IPEAK IRMS (A) (2) ESR (m) (3) tan 1 kHz < (10-4) tan 10 kHz < (10-4) MASS SPQ PART NUMBER (1) (g) 8.8 11.7 15.2 20.6 32.5 30.0 38.9 36.3 50 47 63 82 77 (pcs) 130 100 80 65 105 105 91 91 77 77 63 55 55 MKP1848510924K2 MKP1848520924K2 MKP1848530924K2 MKP1848540924K2 MKP1848550924P* MKP1848560924P* MKP1848570924P* MKP1848580924P* MKP1848590924P* MKP1848610924P* MKP1848612924P* MKP1848610924Y* MKP1848612924Y*
(mm) (mm) (mm) (V/s) (A) 10.2 10.2 10.2 10.2 10.2 10.2 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.2 1.2 100 100 100 100 48 48 48 48 48 48 48 24 24 100 200 300 400 240 288 336 384 432 480
2 4 2 4 2 4 2 4 pins pins pins pins pins pins pins pins 2.5 4.0 5.0 6.5 6.0 6.5 7.5 8.0 9.0 60.0 30.0 20.0 15.0 6.0 6.0 6.0 6.0 54 54 54 54 -
11.0 21.0 32.0 27.5 15.0 25.0 32.0 27.5 18.0 28.0 32.0 27.5 21.0 31.0 32.0 27.5 18.5 35.5 43.0 37.5 18.5 35.5 43.0 37.5 21.5 38.5 43.0 37.5 21.5 38.5 43.0 37.5 24.0 44.0 42.0 37.5 24.0 44.0 42.0 37.5
6.5 24.5 22.0 12.0 11.0 110 100 7.0 20.0 18.5 12.0 11.0 110 100 8.0 17.5 15.5 12.0 11.0 110 100 8.5 15.5 14.0 12.0 11.0 110 100 9.5 13.5 12.5 12.0 11.0 110 100
9.5 10.0 12.5 11.0 12.0 11.0 110 100
30.0 45.0 42.0 37.5 10.2 / 20.3 25.0 45.0 57.5 52.5 25.0 45.0 57.5 52.5 20.3 20.3
576 11.0 11.5 10.0 9.0 12.0 11.0 110 100 240 288 7.5 8.5 8.5 24.5 21.5 23.0 21.0 220 200 9.5 20.5 18.5 23.0 21.0 220 200
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 285
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
ESR (m) (3) tan 1 kHz < (10-4) tan 10 kHz < (10-4)
CAP. DIMENSIONS (5) (mm) (4) (F) 15 20 W H L
P1
P2
O dt dV/dt IPEAK
IRMS (A)
MASS SPQ PART NUMBER (1) (g) 69 119 114 104 191 450 (pcs) 55 40 40 40 30 15 MKP1848615924Y* MKP1848620924Y* MKP1848622924Y* MKP1848625924Y* MKP1848630924Y5 MKP1848660924Y5
(mm) (mm) (mm) (V/s) (A) 20.3 20.3 1.2 1.2 24 24 360
2 4 2 4 2 4 2 4 pins pins pins pins pins pins pins pins 9.5 10.5 16.5 14.5 23.0 21.0 220 200 14.0 11.0 10.0 23.0 21.0 220 200 15.0 10.0 9.0 23.0 21.0 220 200 17.0 7.0 - 21.0 200 28.5 3.5 - 21.0 200
25.0 45.0 57.5 52.5 35.0 50.0 57.5 52.5
480 12.5 13.5 12.5 11.0 23.0 21.0 220 200
22 35.0 50.0 57.5 52.5 20.3 1.2 24 528 13.0 25 35.0 50.0 57.5 52.5 20.3 1.2 24 600 14.0 30 45.0 45.0 57.5 52.5 20.3 1.2 24 750 60 70.0 60.0 57.5 52.5 20.3 1.2 24 1560 Notes (1) Change the * symbol with special code for the terminals (2) Maximum rms current at 10 kHz, + 85 C, Cap. tol. 5 % (3) Equivalent series resistance typical values at 10 kHz (4) Standard dimension (5) Intermediate capacitance values are available on request. * SPQ = Standard Packing Quantity
CONSTRUCTION
Description Low inductive wound cell elements of metallised polypropylene film, potted with resin in a flame retardant case.
MOUNTING
The capacitors unit is designed for mounting on PCB. The capacitors shall be mechanically fixed by the leads and body must be clamped to withstand vibration and shock. Space Requirements on Printed-Circuit Board The maximum length and width of film capacitors is shown in the figure: * Eccentricity as in figure. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned * Product height with seating plane as given by "IEC 60717" as reference: hmax. h + 0.5 mm
bmax. = b + 0.5 mm Eccentricity
Imax. = I + 0.5 mm
Storage temperature * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condensation Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient free temperature of 23 C 1 C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 % 2 %. For reference testing, a conditioning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
www.vishay.com 286
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
CHARACTERISTICS
Capacitance (typical curve)
C/C (%) 4 105
Vishay Roederstein
Insulation resistance (typical curve)
2
0 104 -2
-4
-6 - 60
103 -20 20 60 Tamb (C) 100 0 20 40 60
RC (s)
80 100 Tamb (C)
Lifetime expectancy (typical curve)
1.5 1.4 1.3 1.2 Uopdc/UNdc Z () 1.1 1.0 0.9 0.8 0.7 0.6 0.5 102 103 104 105 106 Lifetime expectancy (h) 0.01 104 0.1 Hot spot temperature 105 C 85 C 70 C 1.0 10.0
Impedance vs. frequency (typical curve)
Pitch 27.5 mm
2.
8.
4.
0
0
F
0
F
F
105
106
f (Hz)
107
Impedance vs. frequency (typical curve)
10.0 Z () Pitch 37.5 mm 10.0 Z ()
Impedance vs. frequency (typical curve)
Pitch 52.5 mm
1.0
15 2 .0 40 5.0 F .0 F F
1.0
0.1
0.1
45 6 .0 80 0.0 F .0 F F
0.01
0.01
0.0 104
105
106
f (Hz)
107
0.0 104
105
106
f (Hz)
107
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 287
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
MAXIMUM PEAK TO PEAK RIPPLE VOLTAGE AS A FUNCTION OF FREQUENCY
100 Peak to peak ripple voltage (Upp) (1)
100 Peak to peak ripple voltage (Upp) (1) 85 C < Tamb 105 C, 450 Vdc
F 2.0 F 8.0 F 15 F 35 F 450 F 8
Tamb 85 C, 450 Vdc
2.0 F
F 8.0 F 15 F 35 F 450 F 8
10 102
(1)
10 103 104
f (Hz)
105
102
(1)
103
104
f (Hz)
105
Limited by maximum ripple voltage 0.1 x UNdc
Limited by maximum ripple voltage 0.1 x UNdc
100 Peak to peak ripple voltage (Upp) (1)
100 Peak to peak ripple voltage (Upp) (1) 85 C < Tamb 105 C, 700 Vdc
2.0 F 8.0 F 12 F 30 F 55 F 80 F
2.0 F 8.0 F 12 F 30 F 55 F 80 F
Tamb 85 C, 700 Vdc 10 102
(1)
103
104
f (Hz)
105
10 102
(1)
103
104
f (Hz)
105
Limited by maximum ripple voltage 0.1 x UNdc
Limited by maximum ripple voltage 0.1 x UNdc
100 Peak to peak ripple voltage (Upp) (1)
100 Peak to peak ripple voltage (Upp) (1) 85 C < Tamb 105 C, 900 Vdc
2.0 F 5.0 F F 8.0 F 15 F 20 F 50
F 2.0 F 5.0 F 8.0 F 15 F 20 F 50
Tamb 85 C, 900 Vdc 10 2 103 10
(1)
104
f (Hz)
105
10 102
(1)
103
104
f (Hz)
105
Limited by maximum ripple voltage 0.1 x UNdc
Limited by maximum ripple voltage 0.1 x UNdc
www.vishay.com 288
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
MAXIMUM PEAK TO PEAK RIPPLE VOLTAGE AS A FUNCTION OF FREQUENCY
1000 Peak to peak ripple voltage (Upp) (1) 1000 85 C < Tamb 105 C, 1100 Vdc Peak to peak ripple voltage (Upp) (1)
Vishay Roederstein
100
2 5 .0 10 .0 F 1 F 30 2 F F F
100
2 5 .0 10 .0 F 1 F 30 2 F F F
Tamb 85 C, 1100 Vdc 10 102
(1)
103
104
f (Hz)
105
10 102
(1)
103
104
f (Hz)
105
Limited by maximum ripple voltage 0.1 x UNdc
Limited by maximum ripple voltage 0.1 x UNdc
1000 Peak to peak ripple voltage (Upp) (1)
1000 Peak to peak ripple voltage (Upp) (1) 85 C < Tamb 105 C, 1200 Vdc
100
F 0 2. F 0 5. F 10 F 12 F 30
100
2 5 .0 10 .0 F 1 F 30 2 F F F
Tamb 85 C, 1200 Vdc 10 102
(1)
10 103 104
f (Hz)
105
102
(1)
103
104
f (Hz)
105
Limited by maximum ripple voltage 0.1 x UNdc
Limited by maximum ripple voltage 0.1 x UNdc
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 289
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
HEAT CONDUCTIVITY AND HOT SPOT TEMPERATURE
Wmax. (mm) 9.0 11.0 13.0 15.0 18.0 18.5 21.0 21.5 24.0 25.0 30.0 35.0 45.0 87.0 HEAT CONDUCTIVITY (mW/C) PITCH 27.5 mm 31 37 42 48 58 68 PITCH 37.5 mm 89 102 116 134 PITCH 52.5 mm 152 181 197 213 341
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free air ambient temperature. The component temperature rise (T) can be measured or calculated by T = P/G:
* T = Component temperature rise (C)
* P = Power dissipation of the component (mW) * G = Heat conductivity of the component (mW/C)
MEASURING THE COMPONENT TEMPERATURE
Thermocouple
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC). The temperature rise is given by T = Tc - Tamb. To avoid thermal radiation or convection, the capacitor must be tested in a closed area from air circulation.
www.vishay.com 290
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conforming the standards must be used. To select the capacitor for a certain application, the following conditions must be checked: 1. The peak voltage (UP+) shall not be greater than the rated DC voltage (UNdc) 2. The peak-to-peak ripple voltage (UP-P) shall not be greater than 0.1 x (UNdc) Non reversing recurrent waveform
Voltage (V) Up+ UNdc Upt
Vishay Roederstein
3. The voltage peak slope (dU/dt) shall not exceed the pulse slope at the DC voltage rating. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by UNdc and divided by the applied voltage. For all other pulses following equation must be fulfilled:
T
dU dU 2 x ------- x dt < U Ndc x ------- dt rated dt
0
2
T is the pulse duration 4. The maximum component surface temperature rise must be lower than 15 C.
MAXIMUM REPETITIVE PEAK VOLTAGES The capacitor unit may be subjected to the following surge without any significant reduction of lifetime expectancy
REPETITIVE SURGE VOLTAGE 1.1 x UNdc 1.15 x UNdc 1.2 x UNdc 1.3 x UNdc 1.5 x UNdc MAXIMUM DURATION PER DAY 30 % on load duration 30 min 5 min 1 min 110 ms
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 291
MKP 1848 DC-Link
Vishay Roederstein
INSPECTION REQUIREMENTS
General Notes: Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, Publication IEC 61071.
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
SUB-CLAUSE NUMBER AND TEST ROUTINE TEST-FINAL INSPECTION 5.14.2.1 External inspection, visual examination 5.14.2.2 Dimensions 5.3.1 5.3.2 5.5.1.2 5.7 Capacitance tan Voltage test between terminal Insulation resistance
CONDITIONS
PERFORMANCE REQUIREMENTS
Legible marking as specified See specification drawing 1 kHz at room temperature 1 kHz at room temperature 10 kHz at room temperature 1.5 x UNdc at Tamb. Duration 10 s UNdc 500 V measuring voltage 100 V at room temperature UNdc > 500 V m,easuring voltage 500 V at room temperature Duration 1 min No visible damage or puncture No flashover See specific reference data See specific reference data See specific reference data
TYPE TESTS 5.14.2 External inspection 5.14.0 Initial measurements
5.14.1.1.4 Robustness of terminations IEC 60068-2-21
Check for finish, marking and overall dimensions Capacitance at 1 kHz tan at 10 kHz Tensile Ua1 Wire diameter section load 0.8 mm 0.5 mm2 10 N 1.25 mm 1.2 mm2 20 N Duration 10 s 1 s Bending Ub method 1 Wire diameter section load 0.8 mm 0.05 mm3 10 N 1.25 mm 0.019 mm3 20 N 4 x 90 , Duration 2 s to 3 s/bend No predrying, Method 1A Solder bath: 260 C 5 C Capacitance tan Capacitance at 1 kHz tan at 10 kHz 10 Hz to 55 Hz: amplitude 0.35 mm or acceleration 98 m/s2 Test duration: 10 frequency cycles, 3 axes offset from each other by 90 1 octave/min
Legible marking and finish as specified Dimensions: see specific drawing
5.14.1.6 Resistance to soldering heat IEC 60068-2-20 5.14.4 Final measurements
|C/C| 0.5 % Increase of tan 0.0050 Compared to values measured in 5.14.0
5.14.0
Initial measurements
5.14.3.1 Vibration IEC 60068-2-6
No visible damage
5.14.3.2 Shock or impact IEC 60068-2-6
5.14.4
Final measurements
Pulse shape: half sine Acceleration: 490 m/s2 Duration t of pulse: 11 ms Visual examination Capacitance tan
No visible damage |C/C| 0.5 % Increase of tan 0.0050 Compared to values measured in 5.14.0 Document Number: 28164 Revision: 02-Feb-09
www.vishay.com 292
For technical questions, contact: dc-film@vishay.com
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
SUB-CLAUSE NUMBER AND TEST 5.5.3.1 Initial measurements CONDITIONS Capacitance at 1 kHz tan at 10 kHz R insulation 1.5 x UNdc at Tamb. Duration 60 s Capacitance tan R insulation Capacitance at 1 kHz tan at 10 kHz 1.1 x UNdc Number of discharges: 5 Time lapse: every 2 min (10 min total) Within 5 min after the surge discharge test Duration 60 s 1.5 x UNdc at Tamb. Capacitance tan at 10 kHz Capacitance at 1 kHz tan at 10 kHz 1.5 x UNdc Duration 10 s Number of clearings 5 Clearing = voltage drop of 5 % increase the voltage at 100 V/s till 5 clearings occur with a max. of 2.5 x UNdc for a duration of 10 s Capacitance tan Capacitance at 1 kHz tan at 10 kHz Test Nb Tmax. = 85 C Tmin. = - 40 C Transition time: 1 h, equivalent to 1 C/min 5 cycles Test Ca Tmax. = 40 2 C RH = 93 3 % Duration 56 days 1.5 x UNdc at ambient temperature Duration 60 s Visual examination Capacitance tan at 1 Urms 10 kHz 5.10.0 5.10.1 Initial measurements Thermal stability test under overload conditions Capacitance at 1 kHz tan at 10 kHz Natural cooling Tamb 5 C 1.21 x Pmax. = (U2/2) x W2 x C x tan = 121 x (I2 max./W2 x c) x tan 2 with W2 = 2 x p x f2 for Imax. (see specific reference data) f2 = 10 kHz Duration 48 h Measure the temperature every 1.5 h during the last 6 h Capacitance tan at 10 kHz |C/C| 1.0 % tan 1.2 initial tan + 0.0001 Compared to values measured in 5.9.1
Vishay Roederstein
PERFORMANCE REQUIREMENTS
5.5.3.2 5.5.3.3
Voltage test between terminal Final measurements
|C/C| 0.5 % Increase of tan 1.2 initial tan + 0.0001 R insulation 50 % of specified values
5.9.1 5.9.2
Initial measurements Surge discharge test
5.9.3
Voltage test between terminal
5.9.3
Final measurements
5.11.1 5.11.2
Initial measurements Self healing test
5.11.3
Final measurements
|C/C| 0.5 % tan 1.2 x initial tan + 0.0001 Compared to values measured in 5.11.1
5.13.0 5.13.1
Initial measurements Change of temperature acc to IEC 60068-2-14
5.13.2
Damp heat steady state Acc. to IEC 60068-2-78
5.5.3.2 5.13.3
Voltage test between terminal Final measurements
No puncturing or flashover Self healing punctures are permitted |C/C| 2.0 % Increase of tan 0.0150 Compared to values measured in 5.13.0
5.10.2
Final measurements
temperature rise < 1 C |C/C| 2 % Increase of tan 1.2 x initial + 0.0150
Document Number: 28164 Revision: 02-Feb-09
For technical questions, contact: dc-film@vishay.com
www.vishay.com 293
MKP 1848 DC-Link
Vishay Roederstein
SUB-CLAUSE NUMBER AND TEST 5.12 Resonance frequency measurement Initial measurements Endurance test between terminals
Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
CONDITIONS Impedance analyser at Tamb PERFORMANCE REQUIREMENTS < 0.9 times the value as specified in typical curve "Resonant frequency" of this specification
5.10.0 5.15.1
Capacitance at 1 kHz tan at 10 kHz Sequence 1.4 x UNdc at Tmax. = 85 C Duration 250 h 1000 x discharge at 1.4 x I (maximum repetitive peak current in continuous operation) 1.4 x UNdc at Tmax. = 85 C Duration 250 h Capacitance tan Capacitance at 1 kHz at Tmax. = 85 C 1.3 x UNdc with superimposed AC voltage at 1.1 x in (Irms) Duration = 5 min Switch to high DC voltage = 2 x UNdc Duration 10 s Apply number of cycles till capacitance drop (open circuit) occur. 1.5 x UNdc at Tamb Duration 60 s Visual examination
5.15.2
Final measurements
|C/C| 3 % Increase of tan 0.0150 Compared to values measured in 5.15.0
5.16.3.0
Initial measurements
5.16.3.1 Destruction test sequence DC voltage with superimposed AC voltage switched to high DC voltage
Capacitance value < 10 % of measured in 5.16.3.0
5.5.3
Voltage test between terminal
5.16.3.2 Final measurements
No puncturing or flashover Self healing punctures are permitted
www.vishay.com 294
For technical questions, contact: dc-film@vishay.com
Document Number: 28164 Revision: 02-Feb-09
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKP1848665454Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X